PART |
Description |
Maker |
ATA5279P-PLPW ATA5279P-PLQW ATA527910 |
Antenna Driver for Multiple Antennas
|
ATMEL Corporation
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
HT150RS HT450RB MD821RC MX800RC SFU821RC MX150RS |
450 MHz - 470 MHz MOBILE STATION ANTENNA 821 MHz - 896 MHz MOBILE STATION ANTENNA 806 MHz - 866 MHz MOBILE STATION ANTENNA 150 MHz - 162 MHz MOBILE STATION ANTENNA
|
|
PC31070050A PC31.07.0050A |
dBi ISM 868/915MHz FR4 antenna with 50mm 1.13 IPEX MHF High Efficiency FR4 Antenna
|
List of Unclassifed Manufacturers Taoglas antenna solutio...
|
GPA-CG2C2 |
GPS Antenna 1574.4 MHz - 1576.44 MHz ANTENNA WITH LNA, 26 dBi GAIN
|
MITSUMI ELECTRIC CO., LTD.
|
TDA7250 |
6W AUDIO AMPLIFIER WITH STAND-BY 6W Hi-Fi Audio Amplifier(6W Hi-Fi双音频放大器) 60 W HI-FI DUAL AUDIO DRIVER
|
ST Microelectronics 意法半导 STMicro
|
SAE81C90 SAE81C91 SAE81C91N SAE81C90N |
Stand Alone Full CAN Controller Stand-alone CAN - Standalone full CAN controller
|
Infineon
|
2450AT42E010B 2450AT42E010BE |
2.4 GHz Surface Mount 2.4 GHz Surface Mount, Above Metal, Low Profile Mini Chip Antenna This antenna must have metal directly underneath on bottom layer in order to function
|
Johanson Technology Inc...
|
ST3237E_06 ST3237EBDR ST3237EBPR ST3237ECPR ST3237 |
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by 【 15KV ESD-protected, 1レA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
|
STMICROELECTRONICS[STMicroelectronics]
|